Part Number Hot Search : 
APTM5 Z50FG CZRW5254 1H273 CXX0G CXA10 RS601M10 ADG222TQ
Product Description
Full Text Search
 

To Download PMR209MC6100M022R30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PMR209
* RC unit, class X2, metallized paper with integrated resistor * 0.047 - 0.47 F, 22 - 470 , 250 VAC, +85 C
* Small dimensions * Excellent self-healing properties. Ensures long life even when subjected to frequent overvoltages. * High dU/dt capability. * Self-extinguishing encapsulation. * Good resistance to ionisation due to impregnated dielectric. * The impregnated paper ensures excellent stability giving outstanding reliability properties, especially in applications having continuous operation.
TYPICAL APPLICATIONS
RC unit for use in DC and AC applications for: - contact protection - interference suppression of contacts - transient suppression
CONSTRUCTION
Single layer metallized paper. Encapsulated and impregnated in self-extinguishing material meeting the requirements of UL 94V0. The resistance in the metal layer is utilized as series resistance, integrated resistor.
L
B
H
p 0.5
TECHNICAL DATA
Rated voltage Capacitance range Capacitance tolerance Resistance range Resistance tolerance Peak pulse voltage Temperature range Climatic category Approvals Series resistance Insulation resistance 250 VAC 50/60 Hz, 630 VDC 0.047 - 0.47 F 20% 22 - 470 30% 1000 V -40 to +85C 40/085/56/B S, N, D, FI, VDE, SEV, UL The series resistance is defined at 1 kHz for RC 50 s and at 100 kHz for RC < 50 s. 3000 M for C 0.33 F 1000 s for C > 0.33 F Measured at 500 VDC after 60 s, +23C Max 12 A repetitive. Max 20 A peak for occasional transients. The 100% screening factory test is carried out at 1800 VDC. The voltage level is selected to meet the requirements in applicable equipment standards. All electrical characteristics are checked after the test. Recommended voltage 630 VDC. The average losses may reach 0.5 W provided the surface temperature does not exceed + 85C. For max. permitted power dissipation vs temperature, see derating curves. Curve 1 2 3 4 Dimensions B = 7.3 B = 7.6 B = 11.3 B = 15.3
d = 0.8 for p = 15.2 and 20.3 1.0 for p = 25.4
d
l
R
C
l: standard: 30 +5/-0 mm (code R30) option: short leads, tolerance +0/-1 mm (standard 6 mm, code R06) Other lead lengths on request.
Pmax W 0.5
1
2
3
4
Pulse current Test voltage between terminals
0
Tamb 40 50 60 70 80 85 C
In DC applications Power ratings
Maximum allowable power dissipation vs ambient temperature and case sizes.
ENVIRONMENTAL TEST DATA
Vibration Bump Solderability Active flammability Passive flammability Humidity IEC 60068-2-6, Test Fc IEC 60068-2-29, Test Eb IEC 60068-2-20, Test Ta EN 132400 IEC 60384-14 (1993), EN 132400 IEC 60068-2-3, Test Ca +40C and 90 - 95% R.H. 56 days 3 directions at 2 hour each No visible damage, No open or short circuit 10 - 500 Hz at 0.75 mm or 98 m/s2 4000 bumps at 390 m/s2 No visible damage, No open or short circuit Solder globule method Wetting time for d 0.8 < 1 s for d > 0.8 < 1.5 s
196
PMR209 ARTICLE TABLE
Quantity per package reel Weight R30 R06 taped pcs pcs pcs g 400 400 250 250 250 250 250 150 150 150 150 150 150 150 150 150 150 150 100 75 75 75 75 75 75 75 800 800 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 800 600 600 600 600 600 600 600 400 400 250 250 250 250 250 180 180 180 180 180 180 180 180 180 180 180 3.0 3.0 4.0 4.0 4.0 4.0 4.0 7.0 7.0 7.0 7.0 7.0 7.0 7.0 7.0 7.0 7.0 7.0 10.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0
0.047 0.047 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.22 0.22 0.22 0.22 0.22 0.22 0.22 0.22 0.22 0.47 0.47 0.47 0.47 0.47 0.47
47 100 22 33 47 68 100 150 220 330 470 22 33 47 68 100 150 220 330 470 33 47 68 100 150 220
7.3 7.3 7.6 7.6 7.6 7.6 7.6 11.3 11.3 11.3 11.3 11.3 11.3 11.3 11.3 11.3 11.3 11.3 12.1 15.3 15.3 15.3 15.3 15.3 15.3 15.3
13.0 13.0 14.0 14.0 14.0 14.0 14.0 16.5 16.5 16.5 16.5 16.5 16.5 16.5 16.5 16.5 16.5 16.5 19.0 22.0 22.0 22.0 22.0 22.0 22.0 22.0
19.0 19.0 24.0 24.0 24.0 24.0 24.0 24.0 24.0 24.0 24.0 24.0 24.0 24.0 24.0 24.0 24.0 24.0 30.5 30.5 30.5 30.5 30.5 30.5 30.5 30.5
15.2 15.2 20.3 20.3 20.3 20.3 20.3 20.3 20.3 20.3 20.3 20.3 20.3 20.3 20.3 20.3 20.3 20.3 25.4 25.4 25.4 25.4 25.4 25.4 25.4 25.4
S N D FI VDE SEV UL
Capacitance F
Resis- Max dimensions in mm tance B H L p
Approvals Article code

PMR209MB5470M047R30 PMR209MB5470M100R30 PMR209MC6100M022R30 PMR209MC6100M033R30 PMR209MC6100M047R30 PMR209MC6100M068R30 PMR209MC6100M100R30 PMR209MC6100M150R30 PMR209MC6100M220R30 PMR209MC6100M330R30 PMR209MC6100M470R30 PMR209MC6220M022R30 PMR209MC6220M033R30 PMR209MC6220M047R30 PMR209MC6220M068R30 PMR209MC6220M100R30 PMR209MC6220M150R30 PMR209MC6220M220R30 PMR209ME6220M330R30 PMR209ME6220M470R30 PMR209ME6470M033R30 PMR209ME6470M047R30 PMR209ME6470M068R30 PMR209ME6470M100R30 PMR209ME6470M150R30 PMR209ME6470M220R30
APPROVALS/REFERENCE DOCUMENTS
Certification Body S N D Fl VDE SEV UL Specification EN 132400 EN 132400 EN 132400 EN 132400 EN 132400 EN 132400 UL 1283 Approval reference 9528104 P951 03084 304424 184789-01 91805 00-1929 E 100117 * * * * * * * *
MARKING
RIFA RIFA article code RC unit Rated capacitance and resistance Rated voltage X2 SH, for self-healing Climatic category according to IEC 60068-1, appendix A * Passive flammability class * Circuit diagram * Manufacturing code (year, month)
ORDERING INFORMATION
The article code for the standard part is given in the article table. For other options, see page 21.
PACKING
RC units in standard design (lead length 30 mm) and with L < 24 mm and lead length 5 or 6 mm are packed bulk in a box with dimensions 245 x 145 x 80 mm. Quantity/ package as per article table. RC units with L 24 mm and lead length 5 or 6 mm are packed on trays piled in a box with dimensions 300 x 260 x 195 mm. Quantity/package as per article table. Reels with taped capacitors are packed 10 in a box with dimensions 370 x 370 x 560 mm. The standard quantity/reel is for 360 mm reel. If 500 mm reel is required, it must be specified when ordering and the quantity is 2 x the given quantity.
197


▲Up To Search▲   

 
Price & Availability of PMR209MC6100M022R30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X